Part Number Hot Search : 
L6919E 2420FB SB1040 LBN12041 KS0071B 531012 NE556DT 20NM50
Product Description
Full Text Search
 

To Download TPH4R606NH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2014-01-07 rev.4.0 TPH4R606NH 1 mosfets silicon n-channel mos (u-mos -h) TPH4R606NH TPH4R606NH TPH4R606NH TPH4R606NH start of commercial production 2011-11 1. 1. 1. 1. applications applications applications applications ? switching voltage regulators ? motor drivers ? dc-dc converters 2. 2. 2. 2. features features features features (1) small footprint due to a small and thin package (2) high-speed switching (3) small gate charge: q sw = 19 nc (typ.) (4) low drain-source on-resistance: r ds(on) = 3.8 m ? (typ.) (v gs = 10 v) (5) low leakage current: i dss = 10 a (max) (v ds = 60 v) (6) enhancement mode: v th = 2.0 to 4.0 v (v ds = 10 v, i d = 0.5 ma) 3. 3. 3. 3. packaging and internal circuit packaging and internal circuit packaging and internal circuit packaging and internal circuit 1, 2, 3: source 4: gate 5, 6, 7, 8: drain 4. 4. 4. 4. absolute maximum ratings (note) (t absolute maximum ratings (note) (t absolute maximum ratings (note) (t absolute maximum ratings (note) (t a a a a = 25 = 25 = 25 = 25 unless otherwise specified) unless otherwise specified) unless otherwise specified) unless otherwise specified) characteristics drain-source voltage gate-source voltage drain current (dc) drain current (dc) drain current (pulsed) power dissipation power dissipation power dissipation single-pulse avalanche energy avalanche current channel temperature storage temperature (silicon limit) (t = 1 ms) (t c = 25 ) (t = 10 s) (t = 10 s) (note 1), (note 2) (note 1) (note 1) (note 3) (note 4) (note 5) symbol v dss v gss i d i d i dp p d p d p d e as i ar t ch t stg rating 60 20 85 32 96 63 2.8 1.6 133 32 150 -55 to 150 unit v a w w w mj a note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook ("handling precautions"/"derating concept and methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). sop advance
2014-01-07 rev.4.0 TPH4R606NH 2 5. 5. 5. 5. thermal characteristics thermal characteristics thermal characteristics thermal characteristics characteristics channel-to-case thermal resistance channel-to-ambient thermal resistance channel-to-ambient thermal resistance (t c = 25 ) (t = 10 s) (t = 10 s) (note 3) (note 4) symbol r th(ch-c) r th(ch-a) r th(ch-a) max 1.98 44.6 78.1 unit /w /w /w note 1: ensure that the channel temperature does not exceed 150 . note 2: limited by silicon capability. package limit is 60 a. note 3: device mounted on a glass-epoxy board (a), figure 5.1 note 4: device mounted on a glass-epoxy board (b), figure 5.2 note 5: v dd = 24 v, t ch = 25 (initial), l = 0.18 mh, r g = 1 ? , i ar = 32 a fig. fig. fig. fig. 5.1 5.1 5.1 5.1 device mounted on a glass-epoxy device mounted on a glass-epoxy device mounted on a glass-epoxy device mounted on a glass-epoxy board (a) board (a) board (a) board (a) fig. fig. fig. fig. 5.2 5.2 5.2 5.2 device mounted on a glass-epoxy device mounted on a glass-epoxy device mounted on a glass-epoxy device mounted on a glass-epoxy board (b) board (b) board (b) board (b) note: this transistor is sensitive to electrostatic discharge and should be handled with care.
2014-01-07 rev.4.0 TPH4R606NH 3 6. 6. 6. 6. electrical characteristics electrical characteristics electrical characteristics electrical characteristics 6.1. 6.1. 6.1. 6.1. static characteristics (t static characteristics (t static characteristics (t static characteristics (t a a a a = 25 = 25 = 25 = 25 unless otherwise specified) unless otherwise specified) unless otherwise specified) unless otherwise specified) characteristics gate leakage current drain cut-off current drain-source breakdown voltage drain-source breakdown voltage gate threshold voltage drain-source on-resistance (note 6) symbol i gss i dss v (br)dss v (br)dsx v th r ds(on) test condition v gs = 20 v, v ds = 0 v v ds = 60 v, v gs = 0 v i d = 10 ma, v gs = 0 v i d = 10 ma, v gs = -20 v v ds = 10 v, i d = 0.5 ma v gs = 6.5 v, i d = 16 a v gs = 10 v, i d = 16 a min 60 45 2.0 typ. 5.0 3.8 max 0.1 10 4.0 11 4.6 unit a v m ? note 6: if a reverse bias is applied between gate and source, this device enters v (br)dsx mode. note that the drain- source breakdown voltage is lowered in this mode. 6.2. 6.2. 6.2. 6.2. dynamic characteristics (t dynamic characteristics (t dynamic characteristics (t dynamic characteristics (t a a a a = 25 = 25 = 25 = 25 unless otherwise specified) unless otherwise specified) unless otherwise specified) unless otherwise specified) characteristics input capacitance reverse transfer capacitance output capacitance gate resistance switching time (rise time) switching time (turn-on time) switching time (fall time) switching time (turn-off time) symbol c iss c rss c oss r g t r t on t f t off test condition v ds = 30 v, v gs = 0 v, f = 1 mhz v ds = 10 v, v gs = 0 v, f = 1 mhz see figure 6.2.1. min typ. 3050 60 990 1.0 10 24 14 37 max 3965 115 1.5 unit pf ? ns fig. fig. fig. fig. 6.2.1 6.2.1 6.2.1 6.2.1 switching time test circuit switching time test circuit switching time test circuit switching time test circuit 6.3. 6.3. 6.3. 6.3. gate charge characteristics (t gate charge characteristics (t gate charge characteristics (t gate charge characteristics (t a a a a = 25 = 25 = 25 = 25 unless otherwise specified) unless otherwise specified) unless otherwise specified) unless otherwise specified) characteristics total gate charge (gate-source plus gate-drain) gate-source charge 1 gate-drain charge gate switch charge symbol q g q gs1 q gd q sw test condition v dd 48 v, v gs = 10 v, i d = 32 a min typ. 49 13 15 19 max unit nc 6.4. 6.4. 6.4. 6.4. source-drain characteristics (t source-drain characteristics (t source-drain characteristics (t source-drain characteristics (t a a a a = 25 = 25 = 25 = 25 unless otherwise specified) unless otherwise specified) unless otherwise specified) unless otherwise specified) characteristics reverse drain current (pulsed) diode forward voltage (note 7) symbol i drp v dsf test condition i dr = 32 a, v gs = 0 v min typ. max 96 -1.2 unit a v note 7: ensure that the channel temperature does not exceed 150 .
2014-01-07 rev.4.0 TPH4R606NH 4 7. 7. 7. 7. marking marking marking marking fig. fig. fig. fig. 7.1 7.1 7.1 7.1 marking marking marking marking
2014-01-07 rev.4.0 TPH4R606NH 5 8. 8. 8. 8. characteristics curves (note) characteristics curves (note) characteristics curves (note) characteristics curves (note) fig. fig. fig. fig. 8.1 8.1 8.1 8.1 i i i i d d d d - v - v - v - v ds ds ds ds fig. fig. fig. fig. 8.2 8.2 8.2 8.2 i i i i d d d d - v - v - v - v ds ds ds ds fig. fig. fig. fig. 8.3 8.3 8.3 8.3 i i i i d d d d - v - v - v - v gs gs gs gs fig. fig. fig. fig. 8.4 8.4 8.4 8.4 v v v v ds ds ds ds - v - v - v - v gs gs gs gs fig. fig. fig. fig. 8.5 8.5 8.5 8.5 r r r r ds(on) ds(on) ds(on) ds(on) - i - i - i - i d d d d fig. fig. fig. fig. 8.6 8.6 8.6 8.6 r r r r ds(on) ds(on) ds(on) ds(on) - t - t - t - t a a a a
2014-01-07 rev.4.0 TPH4R606NH 6 fig. fig. fig. fig. 8.7 8.7 8.7 8.7 i i i i dr dr dr dr - v - v - v - v ds ds ds ds fig. fig. fig. fig. 8.8 8.8 8.8 8.8 capacitance - v capacitance - v capacitance - v capacitance - v ds ds ds ds fig. fig. fig. fig. 8.9 8.9 8.9 8.9 v v v v th th th th - t - t - t - t a a a a fig. fig. fig. fig. 8.10 8.10 8.10 8.10 dynamic input/output characteristics dynamic input/output characteristics dynamic input/output characteristics dynamic input/output characteristics fig. fig. fig. fig. 8.11 8.11 8.11 8.11 p p p p d d d d - t - t - t - t a a a a (guaranteed maximum) (guaranteed maximum) (guaranteed maximum) (guaranteed maximum) fig. fig. fig. fig. 8.12 8.12 8.12 8.12 p p p p d d d d - t - t - t - t c c c c (guaranteed maximum) (guaranteed maximum) (guaranteed maximum) (guaranteed maximum)
2014-01-07 rev.4.0 TPH4R606NH 7 fig. fig. fig. fig. 8.13 8.13 8.13 8.13 r r r r th th th th - t - t - t - t w w w w (guaranteed maximum) (guaranteed maximum) (guaranteed maximum) (guaranteed maximum) fig. fig. fig. fig. 8.14 8.14 8.14 8.14 safe operating area safe operating area safe operating area safe operating area (guaranteed maximum) (guaranteed maximum) (guaranteed maximum) (guaranteed maximum) note: the above characteristics curves are presented for reference only and not guaranteed by production test, unless otherwise noted.
2014-01-07 rev.4.0 TPH4R606NH 8 package dimensions package dimensions package dimensions package dimensions unit: mm weight: 0.069 g (typ.) package name(s) toshiba: 2-5q1s nickname: sop advance
2014-01-07 rev.4.0 TPH4R606NH 9 restrictions on product use restrictions on product use restrictions on product use restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collectively "toshiba"), reserve the right to make changes to the information in this document, and related hardware, software and systems (collectively "product") without notice. ? this document and any information herein may not be reproduced without prior written permission from toshiba. even with toshiba's written permission, reproduction is permissible only if reproduction is without alteration/omission. ? though toshiba works continually to improve product's quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for providing adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a malfunction or failure of product could cause loss of human life, bodily injury or damage to property, including data loss or corruption. before customers use the product, create designs including the product, or incorporate the product into their own applications, customers must also refer to and comply with (a) the latest versions of all relevant toshiba information, including without limitation, this document, the specifications, the data sheets and application notes for product and the precautions and conditions set forth in the "toshiba semiconductor reliability handbook" and (b) the instructions for the application with which the product will be used with or for. customers are solely responsible for all aspects of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this product in such design or applications; (b) evaluating and determining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. toshiba assumes no liability for customers' product design or applications. toshiba assumes no liability for customers' product design or applications. toshiba assumes no liability for customers' product design or applications. toshiba assumes no liability for customers' product design or applications. ? product is neither intended nor warranted for use in equipments or systems that require product is neither intended nor warranted for use in equipments or systems that require product is neither intended nor warranted for use in equipments or systems that require product is neither intended nor warranted for use in equipments or systems that require extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage and/or serious public impact cause loss of human life, bodily injury, serious property damage and/or serious public impact cause loss of human life, bodily injury, serious property damage and/or serious public impact cause loss of human life, bodily injury, serious property damage and/or serious public impact ("unintended use"). ("unintended use"). ("unintended use"). ("unintended use"). except for specific applications as expressly stated in this document, unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic signaling equipment, equipment used to control combustions or explosions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. if you use product for if you use product for if you use product for if you use product for unintended use, toshiba assumes no liability for product. unintended use, toshiba assumes no liability for product. unintended use, toshiba assumes no liability for product. unintended use, toshiba assumes no liability for product. for details, please contact your toshiba sales representative. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is presented only as guidance for product use. no responsibility is assumed by toshiba for any infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provided in the relevant terms and conditions of sale absent a written signed agreement, except as provided in the relevant terms and conditions of sale absent a written signed agreement, except as provided in the relevant terms and conditions of sale absent a written signed agreement, except as provided in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, consequential, special, or incidental damages or loss, including including without limitation, indirect, consequential, special, or incidental damages or loss, including including without limitation, indirect, consequential, special, or incidental damages or loss, including including without limitation, indirect, consequential, special, or incidental damages or loss, including without limitation, loss of profits, loss of opportunities, business interruption and loss of data, and without limitation, loss of profits, loss of opportunities, business interruption and loss of data, and without limitation, loss of profits, loss of opportunities, business interruption and loss of data, and without limitation, loss of profits, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular or information, including warranties or conditions of merchantability, fitness for a particular or information, including warranties or conditions of merchantability, fitness for a particular or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. purpose, accuracy of information, or noninfringement. purpose, accuracy of information, or noninfringement. purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related software or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or manufacturing of nuclear, chemical, or biological weapons or missile technology products (mass destruction weapons). product and related software and technology may be controlled under the applicable export laws and regulations including, without limitation, the japanese foreign exchange and foreign trade law and the u.s. export administration regulations. export and re-export of product or related software or technology are strictly prohibited except in compliance with all applicable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of product. please use product in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring toshiba assumes no liability for damages or losses occurring toshiba assumes no liability for damages or losses occurring toshiba assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations. as a result of noncompliance with applicable laws and regulations. as a result of noncompliance with applicable laws and regulations. as a result of noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TPH4R606NH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X